PART |
Description |
Maker |
74ALVT162244 AV162244DL 74ALVT162244DGG 74ALVT1622 |
2.5 V / 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors (3-State) 2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State ALVT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 2.5V/3.3V 16-bit buffer/driver with 30 Ωtermination resistors (3-State)(0 Ω终端电阻器的2.5V/3.3V 16位缓冲器/驱动三态)) 2.5V/3.3V 16-bit buffer/driver with 30
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74VCX16827 74VCX16827MTD 74VCX16827MTDX 74VCX16827 |
Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs Dual 10-Bit Buffer/Driver ALVC/VCX/A SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT74LVC16244A IDT74LVC16244APF IDT74LVC16244APA I |
3.3V CMOS 16-Bit Buffer/Driver with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
|
IDT Integrated Device Technology
|
74ACTQ16240 74ACTQ16240MTD 74ACTQ16240SSC 74ACTQ16 |
16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs From old datasheet system 20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor Quad 4-Bit Buffer/Driver ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 GTLP-to-LVTTL 1-to-6 Fanout Driver 24-SOIC -40 to 85 ACT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IDT74LVCH16541A |
3.3V CMOS 16-BIT BUFFER/DRIVER
|
IDT
|
74LVCH16244APAG8 |
3.3V CMOS 16-BIT BUFFER/DRIVER
|
Integrated Device Techn...
|
IDT74LVC16244A |
3.3V CMOS 16-BIT BUFFER/DRIVER
|
IDT
|
IDT74ALVCH162244-16 |
3.3V CMOS 16-BIT BUFFER/DRIVER
|
Integrated Device Techn...
|
74ABT16244 74ABT16244CMTD 74ABT16244CSSC 74ABT1624 |
From old datasheet system 16-Bit Buffer/Line Driver with 3-STATE Outputs Quad 4-Bit Buffer/Driver
|
Fairchild Semiconductor
|
IDT74LVCH16244A IDT74LVCH16244APV IDT74LVCH16244AP |
3.3V CMOS 16-Bit Buffer/Driver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, AND BUS-HOLD 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
|
IDT[Integrated Device Technology]
|
PI74LPT241 |
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
|
PERICOM[Pericom Semiconductor Corporation]
|
PI74FCT3244L PI74FCT3244LE PI74FCT3244Q PI74FCT324 |
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
|
Pericom Semiconductor Corporation
|